PART |
Description |
Maker |
SSC2129 |
CMOS Low Dropout Voltage Regulat or
|
SeCoS Halbleitertechnologie GmbH
|
ZXCL5213V28H5TA ZXCL5213V40H5TA ZXCL5213V25H5TA ZX |
Micropower SC70-5 Low Dropout Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.325 V DROPOUT, PDSO5 Micropower SC70-5 & SOT23-5 low dropout regulators
|
Diodes Incorporated
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
CS9201YDF8 CS9201YDFR8 CS9201 CS9201-D |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAPE
|
http:// ONSEMI[ON Semiconductor]
|
CS8363YDPSR7 CS8363YDPS7 CS8363 |
3.3V Dual Micropower Low Dropout Regulator with ENABLEbar and RESETbar 3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ONSEMI[ON Semiconductor]
|
CM3015-30MA CM3015-30ST CM3015-18MA CM3015-18ST CM |
Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器的CMOS TWO COLOR TWISTED PR 1000 微功耗,300mA低压差稳压器的CMOS Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器CMOS Micropower, 300mA Low Noise LDO CMOS Regulator
|
Electronic Theatre Controls, Inc. California Micro Devices Corp
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1964 |
200mA, Low Noise, Low Dropout Negative Micropower Regulator in ThinSOT
|
Linear Technology Corporation
|